|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
SINGLE-PHASE BRIDGE RECTIFIER KBPC2505N THRU KBPC2510N FEATURES l Low cost l This series is UL recognized under component index, file number E127707 l High forward surge current capability l Integrally molded heatsink provide very low thermal resistance l High isolation voltage from case to lugs l High temperature soldering guaranteed: 260 oC/10 second, at 5 lbs. (2.3kg) tension. MECHANICAL DATA l Case: Molded plastic body l Terminal: Lead solderable per MIL-STD-202E method 208C. l Polarity: Polarity symbols molded on case l Mounting: Thru hole for #6 screw, 5.0 in.-lbs torque max. l Weight:0.55ounce, 15.6 grams MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS Ratings at 25oC ambient temperature unless otherwise specified. Single phase, half wave, 60Hz, resistive or inductive load. For capacitive load derate current by 20%. SYMBOLS VOLTAGE RANGE CURRENT 50 to 1000 Volts 25 Amperes 1.13( 28.8) 1.11( 28.2) 0.666( 16.9) 0.626( 15.9) BR-35N + AC 1.13( 28.8) 1.11( 28.2) 0.728( 18.5) 0.688( 17.5) 0.666( 16.9) 0.626( 15.9) AC 0.570( 14.5) 0.530( 13.5) 0.205( 5.2) 0.197( 5.0) DIA METAL HEAT SINK EXOPY CASE 0.32( 8.2) 0.30( 7.8) 9( 0.0 IA )D 2.3 0.512( 13.0) 0.413( 10.5) 0.033( 0.84) 0.028( 0.71) 0.252( 6.4) 0.248( 6.3) 0.252( 6.4) 0.248( 6.3) Dimensions in inches and (millimeters) KBPC 25005N KBPC 2501N KBPC 2502N KBPC 2504N KBPC 2506N KBPC 2508N KBPC 2510N UNITS Volts Volts Volts Amps Amps A2S Volts Amps mAmps VAC /W Maximum Repetitive Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Output Current, at TC=50(Note1, 2) Peak Forward Surge Current 8.3ms single half sine-wave superimposed on rated load (JEDEC Method) Rating for Fusing(t<8.3ms) Maximum Instantaneous Forward Voltage at 12.5A Maximum DC Reverse Current at rated TA=25 DC blocking voltage TA=150 Isolation Voltage from case to leads Typical Thermal Resistance (Note 1, 2) Operating Temperature Range Storage Temperature Range VRRM VRMS VDC I(AV) IFSM IT VF IR VISO RJC TJ TSTG 2 50 35 50 100 70 100 200 140 200 400 280 400 25 300 373 1.1 10 1.0 2500 2.0 -55 to +150 -55 to +150 600 420 600 800 560 800 1000 700 1000 NOTES: 1. Unit mounted on 5"x6"x4.9" thick (12.8mmx15.2mmx12.4mm) Al. plate. 2. Bolt down on heat-sink with silicone thermal compound between bridge and mounting surface for maximum heat transfer efficiency with #10 screw. Web Site: WWW.PS-PFS.COM 1/2 MASTER INSTRUMENT CORPORATION SINGLE-PHASE BRIDGE RECTIFIER KBPC2505N THRU KBPC2510N VOLTAGE RANGE CURRENT 50 to 1000 Volts 25 Amperes Web Site: WWW.PS-PFS.COM 2/2 |
Price & Availability of KBPC25005N |